| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51CC03U-RDTIM Fiches technique(PDF) 114 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03U-RDTIM Fiches technique(HTML) 114 Page - ATMEL Corporation |
|
114 / 195 page ![]() 114 AT89C51CC03 4182I–CAN–06/05 Table 58. CANIE1 Register CANIE1 (S:C2h) CAN Enable Interrupt Message Object Registers 1 Reset Value = x000 0000b Table 59. CANIE2 Register CANIE2 (S:C3h) CAN Enable Interrupt Message Object Registers 2 Reset Value = 0000 0000b 76 543 210 - IECH14 IECH13 IECH12 IECH11 IECH10 IECH9 IECH8 Bit Number Bit Mnemonic Description 7- Reserved The values read from this bit is indeterminate. Do not set this bit. 6-0 IECH14:8 Enable interrupt by Message Object 0 - disable IT. 1 - enable IT. IECH14:8 = 0b 0000 1100 -> Enable IT’s of message objects 11 and 10. see Figure 50. 76 543 210 IECH 7 IECH 6 IECH 5 IECH 4 IECH 3 IECH 2 IECH 1 IECH 0 Bit Number Bit Mnemonic Description 7-0 IECH7:0 Enable interrupt by Message Object 0 - disable IT. 1 - enable IT. IECH7:0 = 0b 0000 1100 -> Enable IT’s of message objects 3 and 2. |