Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F160DB75FI Fiches technique(PDF) 42 Page - Advanced Micro Devices

No de pièce AM29F160DB75FI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160DB75FI Fiches technique(HTML) 42 Page - Advanced Micro Devices

Back Button AM29F160DB75FI Datasheet HTML 38Page - Advanced Micro Devices AM29F160DB75FI Datasheet HTML 39Page - Advanced Micro Devices AM29F160DB75FI Datasheet HTML 40Page - Advanced Micro Devices AM29F160DB75FI Datasheet HTML 41Page - Advanced Micro Devices AM29F160DB75FI Datasheet HTML 42Page - Advanced Micro Devices AM29F160DB75FI Datasheet HTML 43Page - Advanced Micro Devices AM29F160DB75FI Datasheet HTML 44Page - Advanced Micro Devices AM29F160DB75FI Datasheet HTML 45Page - Advanced Micro Devices AM29F160DB75FI Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Am29F160D
41
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. PA = Program Address, PD = Program Data, SA = Sector Address, DQ7# = Complement of Data Input, DOUT = Array Data.
2. Figure indicates the last two bus cycles of the command sequence, with the device in word mode.
Figure 21.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46