Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F016-75FI Fiches technique(PDF) 33 Page - Advanced Micro Devices

No de pièce AM29F016-75FI
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-75FI Fiches technique(HTML) 33 Page - Advanced Micro Devices

Back Button AM29F016-75FI Datasheet HTML 28Page - Advanced Micro Devices AM29F016-75FI Datasheet HTML 29Page - Advanced Micro Devices AM29F016-75FI Datasheet HTML 30Page - Advanced Micro Devices AM29F016-75FI Datasheet HTML 31Page - Advanced Micro Devices AM29F016-75FI Datasheet HTML 32Page - Advanced Micro Devices AM29F016-75FI Datasheet HTML 33Page - Advanced Micro Devices AM29F016-75FI Datasheet HTML 34Page - Advanced Micro Devices AM29F016-75FI Datasheet HTML 35Page - Advanced Micro Devices AM29F016-75FI Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Am29F016
33
18805D-24
Figure 18.
Alternate CE Controlled Program Operation Timing
DOUT
PD
tAH
Data Polling
tDS
tWS
tCPH
tDH
tCP
tGHEL
Addresses
WE
OE
CE
Data
5.0 Volt
Notes:
1. PA is address of the memory location to be programmed.
2. PD is data to be programmed at byte address.
3. DQ7 is the output of the complement of the data written to the device.
4. DOUT is the output of the data written to the device.
5. Figure indicates last two bus cycles of four bus cycle sequence.
tWC
tAS
DQ7
5555H
PA
A0H
tWHWH1
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36