| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F160DB90FC Fiches technique(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F160DB90FC Fiches technique(HTML) 12 Page - Advanced Micro Devices |
|
12 / 46 page ![]() Am29F160D 11 Table 3. Am29F160DB Sector Address Table (Bottom Boot) Note: Address range is A19:A-1 in byte mode and A19:A0 in word mode. See the “Word/Byte Configuration” section. Sector A19 A18 A17 A16 A15 A14 A13 A12 Sector Size (Kbytes/ Kwords) Address Range (in hexadecimal) Byte Mode (x8) Word Mode (x16) SA0 0000000 X 16/8 000000–003FFF 00000–01FFF SA1 00000010 8/4 004000–005FFF 02000–02FFF SA2 00000011 8/4 006000–007FFF 03000–03FFF SA3 000001 X X 32/16 008000–00FFFF 04000–07FFF SA4 00001 X X X 64/32 010000–01FFFF 08000–0FFFF SA5 00010 X X X 64/32 020000–02FFFF 10000–17FFF SA6 00011 X X X 64/32 030000–03FFFF 18000–1FFFF SA7 00100 X X X 64/32 040000–04FFFF 20000–27FFF SA8 00101 X X X 64/32 050000–05FFFF 28000–2FFFF SA9 00110 X X X 64/32 060000–06FFFF 30000–37FFF SA10 00111 X X X 64/32 070000–07FFFF 38000–3FFFF SA11 01000 X X X 64/32 080000–08FFFF 40000–47FFF SA12 01001 X X X 64/32 090000–09FFFF 48000–4FFFF SA13 01010 X X X 64/32 0A0000–0AFFFF 50000–57FFF SA14 01011 X X X 64/32 0B0000–0BFFFF 58000–5FFFF SA15 01100 X X X 64/32 0C0000–0CFFFF 60000–67FFF SA16 01101 X X X 64/32 0D0000–0DFFFF 68000–6FFFF SA17 01110 X X X 64/32 0E0000–0EFFFF 70000–77FFF SA18 01111 X X X 64/32 0F0000–0FFFFF 78000–7FFFF SA19 10000 X X X 64/32 100000–10FFFF 80000–87FFF SA20 10001 X X X 64/32 110000–11FFFF 88000–8FFFF SA21 10010 X X X 64/32 120000–12FFFF 90000–97FFF SA22 10011 X X X 64/32 130000–13FFFF 98000–9FFFF SA23 10100 X X X 64/32 140000–14FFFF A0000–A7FFF SA24 10101 X X X 64/32 150000–15FFFF A8000–AFFFF SA25 10110 X X X 64/32 160000–16FFFF B0000–B7FFF SA26 10111 X X X 64/32 170000–17FFFF B8000–BFFFF SA27 11000 X X X 64/32 180000–18FFFF C0000–C7FFF SA28 11001 X X X 64/32 190000–19FFFF C8000–CFFFF SA29 11010 X X X 64/32 1A0000–1AFFFF D0000–D7FFF SA30 11011 X X X 64/32 1B0000–1BFFFF D8000–DFFFF SA31 11100 X X X 64/32 1C0000–1CFFFF E0000–E7FFF SA32 11101 X X X 64/32 1D0000–1DFFFF E8000–EFFFF SA33 11110 X X X 64/32 1E0000–1EFFFF F0000–F7FFF SA34 11111 X X X 64/32 1F0000–1FFFFF F8000–FFFFF |