| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F016-75SC Fiches technique(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016-75SC Fiches technique(HTML) 8 Page - Advanced Micro Devices |
|
8 / 36 page ![]() 8 Am29F016 Table 1. Am29F016 User Bus Operations Legend: L = logic 0, H = logic 1, X = Don’t Care. See DC Characteristics for voltage levels. Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 5. 2. Refer to the section on Sector Group Protection. Read Mode The Am29F016 has two control functions which must be satisfied in order to obtain data at the outputs. CE is the power control and should be used for device selec- tion. OE is the output control and should be used to gate data to the output pins if the device is selected. Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output enable access time is the delay from the falling edge of OE to valid data at the output pins (assuming the addresses have been stable for at least tACC–tOE time). Standby Mode There are two ways to implement the standby mode on the Am29F016 device, one using both the CE and RESET pins; the other via the RESET pin only. When using both pins, a CMOS standby mode is achieved with CE and RESET inputs both held at VCC ± 0.3 V. Under this condition the current is typically reduced to less than 1 µA. A TTL standby mode is achieved with CE and RESET pins held at VIH. Under this condition the current is typically reduced to 200 µA. The device can be read with standard access time (tCE) from either of these standby modes. When using the RESET pin only, a CMOS standby mode is achieved with RESET input held at VSS ± 0.3 V (CE = don’t care). Under this condition the current is typ- ically reduced to less than 1 µA. A TTL standby mode is achieved with RESET pin held at VIL (CE = don’t care). Under this condition the current is typically reduced to less than 200 µA. Once the RESET pin is taken high, the device requires 50 ns of wake up time before out- puts are valid for read access. In the standby mode the outputs are in the high imped- ance state, independent of the OE input. Output Disable With the OE input at a logic high level (VIH), output from the device is disabled. This will cause the output pins to be in a high impedance state. Operation CE OE WE A0 A1 A6 A9 DQ0 –DQ7 RESET Autoselect, AMD Manuf. Code (1) L L H L L L VID Code H Autoselect Device Code (1) L L H H L L VID Code H Read L L X A0 A1 A6 A9 DOUT H Standby H X X X X X X HIGH Z H Output Disable L H H XXX X HIGH Z H Write L H L A0 A1 A6 A9 DIN H Enable Sector Group Protect (2) L VID L XXX VID XH Verify Sector Group Protect (2) L L H L H L VID Code H Temporary Sector Group Unprotect X X X X X X X X VID Hardware Reset/Standby XXX XXX X HIGH Z L |