| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F032B-90FC Fiches technique(PDF) 5 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F032B-90FC Fiches technique(HTML) 5 Page - Advanced Micro Devices |
|
5 / 39 page ![]() 4 Am29F032B PRODUCT SELECTOR GUIDE Note: See “AC Characteristics” for full specifications. BLOCK DIAGRAM Family Part Number Am29F032B Speed Options V CC = 5.0 V ± 5% -75 V CC = 5.0 V ± 10% -90 -120 -150 Max access time, ns (t ACC) 70 90 120 150 Max CE# access time, ns (t CE) 70 90 120 150 Max OE# access time, ns (t OE) 4040 5075 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Erase Voltage Generator PGM Voltage Generator Timer V CC Detector State Control Command Register V CC V SS WE# CE# OE# STB STB DQ0 –DQ7 Sector Switches RY/BY# RESET# Data Latch Y-Gating Cell Matrix A0–A21 |