Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F160DB75EC Fiches technique(PDF) 40 Page - Advanced Micro Devices

No de pièce AM29F160DB75EC
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160DB75EC Fiches technique(HTML) 40 Page - Advanced Micro Devices

Back Button AM29F160DB75EC Datasheet HTML 36Page - Advanced Micro Devices AM29F160DB75EC Datasheet HTML 37Page - Advanced Micro Devices AM29F160DB75EC Datasheet HTML 38Page - Advanced Micro Devices AM29F160DB75EC Datasheet HTML 39Page - Advanced Micro Devices AM29F160DB75EC Datasheet HTML 40Page - Advanced Micro Devices AM29F160DB75EC Datasheet HTML 41Page - Advanced Micro Devices AM29F160DB75EC Datasheet HTML 42Page - Advanced Micro Devices AM29F160DB75EC Datasheet HTML 43Page - Advanced Micro Devices AM29F160DB75EC Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Am29F160D
39
AC CHARACTERISTICS
Sector Protect: 150 µs
Sector Unprotect: 15 ms
1 µs
RESET#
SA, A6,
A1, A0
Data
CE#
WE#
OE#
60h
60h
40h
Valid*
Valid*
Valid*
Status
Sector Protect/Unprotect
Verify
VID
VIH
Note: For sector protect, A6 = 0, A1 = 1, A0 = 0. For sector unprotect, A6 = 1, A1 = 1, A0 = 0.
Figure 20.
Sector Protect/Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46