Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F032B-150 Fiches technique(PDF) 29 Page - Advanced Micro Devices

No de pièce AM29F032B-150
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-150 Fiches technique(HTML) 29 Page - Advanced Micro Devices

Back Button AM29F032B-150 Datasheet HTML 25Page - Advanced Micro Devices AM29F032B-150 Datasheet HTML 26Page - Advanced Micro Devices AM29F032B-150 Datasheet HTML 27Page - Advanced Micro Devices AM29F032B-150 Datasheet HTML 28Page - Advanced Micro Devices AM29F032B-150 Datasheet HTML 29Page - Advanced Micro Devices AM29F032B-150 Datasheet HTML 30Page - Advanced Micro Devices AM29F032B-150 Datasheet HTML 31Page - Advanced Micro Devices AM29F032B-150 Datasheet HTML 32Page - Advanced Micro Devices AM29F032B-150 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
28
Am29F032B
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
Note: PA = program address, PD = program data, D
OUT is the true data at the program address.
Figure 11.
Program Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39