Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV033C Fiches technique(PDF) 46 Page - Advanced Micro Devices

No de pièce AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Fiches technique(HTML) 46 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 40Page - Advanced Micro Devices AM29LV033C Datasheet HTML 41Page - Advanced Micro Devices AM29LV033C Datasheet HTML 42Page - Advanced Micro Devices AM29LV033C Datasheet HTML 43Page - Advanced Micro Devices AM29LV033C Datasheet HTML 44Page - Advanced Micro Devices AM29LV033C Datasheet HTML 45Page - Advanced Micro Devices AM29LV033C Datasheet HTML 46Page - Advanced Micro Devices AM29LV033C Datasheet HTML 47Page - Advanced Micro Devices AM29LV033C Datasheet HTML 48Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
45
Am29LV033C
PHYSICAL DIMENSIONS
FBD063—63-Ball Fine-Pitch Ball Grid Array (FBGA) 8 x 14 mm
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48