Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD0803S040L0R2 Fiches technique(PDF) 2 Page - AVX Corporation

No de pièce SD0803S040L0R2
Description  Schottky Barrier Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

SD0803S040L0R2 Fiches technique(HTML) 2 Page - AVX Corporation

  SD0803S040L0R2 Datasheet HTML 1Page - AVX Corporation SD0803S040L0R2 Datasheet HTML 2Page - AVX Corporation SD0803S040L0R2 Datasheet HTML 3Page - AVX Corporation SD0803S040L0R2 Datasheet HTML 4Page - AVX Corporation SD0803S040L0R2 Datasheet HTML 5Page - AVX Corporation SD0803S040L0R2 Datasheet HTML 6Page - AVX Corporation SD0803S040L0R2 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
083116
ELECTRICAL CHARACTERISTICS
Max
Max
Max Peak
Reverse
Forward
Forward
Reverse Current
Forward Voltage Vf
Voltage
Current
Surge
IRRM
Rth JA
Rth JL
Cj
Marking
AVX PN
Size
Current
VRRM
IF
IFSM
Typ
Max
IF
Min
Max
V
A
A
mA
mA
A
V
V
ºC/W
ºC/W
pF
SD3220S020S3R0
3220
20
3
100
0.025
0.5
3
0.47
0.5
55
17
180
3220
20S3
SD3220S040S3R0
3220
40
3
100
0.025
0.5
3
0.47
0.5
55
17
180
3220
40S3
SD3220S060S3R0
3220
60
3
100
0.025
0.5
3
0.65
0.7
55
17
180
3220
60S3
SD3220S100S3R0
3220
100
3
100
0.025
0.5
3
0.78
0.85
55
17
180
3220
100S3
SD3220S020S5R0
3220
20
5
130
0.045
0.5
5
0.52
0.55
55
17
180
3220
20S5
SD3220S040S5R0
3220
40
5
130
0.045
0.5
5
0.52
0.55
55
17
180
3220
40S5
SD3220S060S5R0
3220
60
5
130
0.045
0.5
5
0.65
0.7
55
17
180
3220
60S5
SD3220S100S5R0
3220
100
5
130
0.045
0.5
5
0.79
0.85
55
17
180
3220
100S5
SD2114S020S3R0
2114
20
3
80
0.04
0.5
3
0.48
0.5
55
17
180
2114
20S3
SD2114S040S3R0
2114
40
3
80
0.04
0.5
3
0.48
0.5
55
17
180
2114
40S3
SD2114S060S3R0
2114
60
3
80
0.04
0.5
3
0.65
0.7
55
17
180
2114
60S3
SD2114S100S3R0
2114
100
3
80
0.04
0.5
3
0.78
0.85
55
17
180
2114
100S3
SD2114S020S5R0
2114
20
5
105
0.045
0.5
5
0.5
0.55
55
17
250
2114
20S5
SD2114S040S5R0
2114
40
5
105
0.045
0.5
5
0.5
0.55
55
17
250
2114
40S5
SD2114S060S5R0
2114
60
5
105
0.045
0.5
5
0.65
0.7
55
17
250
2114
60S5
SD2114S100S5R0
2114
100
5
105
0.045
0.5
5
0.79
0.85
55
17
250
2114
100S5
SD2114S040S8R0
2114
40
8
135
0.045
0.5
8
0.53
0.55
55
17
450
2114
40S8
10S
SD2010S020S1R0
2010
20
1
30
0.02
0.2
1
0.47
0.5
88
28
110
20
1
10S
SD2010S040S1R0
2010
40
1
30
0.02
0.2
1
0.47
0.5
88
28
110
40
1
10S
SD2010S060S1R0
2010
60
1
30
0.02
0.2
1
0.6
0.7
88
28
110
60
1
10S
SD2010S100S1R0
2010
100
1
30
0.02
0.2
1
0.76
0.85
88
28
110
100
1
10S
SD2010S150S1R0
2010
150
1
30
0.001
0.05
1
0.83
0.88
88
28
110
150
1S
10S
SD2010S200S1R0
2010
200
1
30
0.001
0.05
1
0.86
0.9
88
28
110
200
1
10S
SD2010S020S2R0
2010
20
2
50
0.025
0.2
2
0.49
0.5
75
17
115
20
2
10S
SD2010S040S2R0
2010
40
2
50
0.025
0.2
2
0.49
0.5
75
17
115
40
2
10S
SD2010S060S2R0
2010
60
2
50
0.025
0.2
2
0.6
0.7
75
17
115
60
2
Schottky Barrier Rectifier Diode
Lead-less Chip Form
Schottky Barrier Rectifier Diode
Lead-less Chip Form



Html Pages

1 2 3 4 5 6 7