| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5170EVAL Fiches technique(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5170EVAL Fiches technique(HTML) 17 Page - Analog Devices |
|
17 / 24 page ![]() AD5170 Rev. A | Page 17 of 24 13 25 12 24 11 23 10 22 9 21 8 20 7 19 6 18 5 17 4 16 3 15 2 14 1 SCL R3 100 Ω R2 100 Ω R1 100 Ω SDA READ WRITE Figure 42. Parallel Port Connection. Pin 2 = SDA_write, Pin 3 = SCL, Pin 15 = SDA_read, and Pin 25 = DGND. AD5170 B A AD0 GND VDD W NC AD1 SDA SCL Figure 43. Recommended AD5170 PCB Layout. The SCL and SDA pads allow pogo pins to be inserted so that signals can be communicated through the parallel port for programming (Figure 42). |