| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5170 Fiches technique(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5170 Fiches technique(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() AD5170 Rev. A | Page 22 of 24 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 10 9 8 7 1 2 3 4 B A AD0 W NC AD1 SDA GND 6 5 SCL VDD TOP VIEW AD5170 Figure 48. Pin Configuration Table 10. Pin Function Descriptions Pin Mnemonic Description 1 B B Terminal. 2 A A Terminal. 3 AD0 Programmable Address Bit 0 for Multiple Package Decoding. 4 GND Digital Ground. 5 VDD Positive Power Supply. 6 SCL Serial Clock Input. Positive Edge Triggered. 7 SDA Serial Data Input/Output. 8 AD1 Programmable Address Bit 1 for Multiple Package Decoding. 9 NC No Connect. 10 W W Terminal. |