| Moteur de recherche de fiches techniques de composants électroniques |
|
541 Fiches technique(PDF) 4 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
541 Fiches technique(HTML) 4 Page - M.S. Kennedy Corporation |
|
4 / 7 page ![]() 4 Rev. C 3/01 APPLICATION CIRCUITS Isolating Capacitive Loads Motor Current a Function of VIN Programmable Torque Circuit Clamping Output for EMF-Generating Loads The linear relationship of torque output to current input of the modern torque motor makes this simple control cir- cuit ideal for many material processing and testing appli- cations. The sense resistor develops a feedback voltage proportional to motor current and the small signal proper- ties of the Power Op Amp insure accuracy. With this closed loop operation, temperature induced impedance variations of the motor winding are automatically com- pensated. Replacing OPA501 with MSK 541 When replacing the OPA501, OPA511, OPA512 or 3573 with the MSK 541, it is not necessary to make any changes in the current limit scheme. Since pin 2 is not connected in the MSK 541, the current limit resistor connected from pin 1 to pin 2 can be left in the circuit or removed. |