Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF10ACWM Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce MF10ACWM
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10ACWM Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  MF10ACWM Datasheet HTML 1Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 2Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 3Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 4Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 5Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 6Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 7Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 8Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Performance Characteristics (Continued)
vs Clock Frequency
fCLK fO Deviation
vs Clock Frequency
fCLK fO Deviation
Deviation of
fCLK
fO
vs Nominal Q
Deviation of
fCLK
fO
vs Nominal Q
TLH10399 – 3
Pin Descriptions
LP(120) BP(219) The second order lowpass bandpass
NAPHP(318)
and
notchallpasshighpass
outputs
These outputs can typically sink 15 mA
and source 3 mA Each output typically
swings to within 1V of each supply
INV(417)
The inverting input of the summing op-
amp of each filter These are high im-
pedance inputs but the non-inverting in-
put is internally tied to AGND making
INVA and INVB behave like summing
junctions (low impedance current in-
puts)
S1(516)
S1 is a signal input pin used in the all-
pass filter configurations (see modes 4
and 5) The pin should be driven with a
source impedance of less than 1 kX If
S1 is not driven with a signal it should be
tied to AGND (mid-supply)
SAB(6)
This pin activates a switch that connects
one of the inputs of each filter’s second
summer to either AGND (SAB tied to
Vb) or to the lowpass (LP) output (SAB
tied to Va) This offers the flexibility
needed for configuring the filter in its
various modes of operation
VAa(7)VDa(8)
Analog positive supply and digital posi-
tive supply These pins are internally
connected through the IC substrate and
therefore VAa and VDa should be de-
rived from the same power supply
source They have been brought out
separately so they can be bypassed by
separate capacitors
if desired
They
can be externally tied together and by-
passed by a single capacitor
VAb(14) VDb(13) Analog and digital negative supplies
The same comments as for VA
a
and
VD
a
apply here
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20