| Moteur de recherche de fiches techniques de composants électroniques |
|
2N4861 Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
2N4861 Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 3 page ![]() 2N4856, 2N4857, 2N4858, 2N4859, 2N4860, 2N24861 JAN SERIES ELECTRICAL CHARACTERISTICS (TC = 25 0C unless otherwise noted) (con’t) Parameters / Test Conditions Symbol Min. Max. Units Drain Current VGS = 0, VDS = 15 Vdc 2N4856, 2N4859 2N4857, 2N4860 2N4858, 2N4861 IDSS 50 20 8.0 175 100 80 mA Static Drain - Source “On” State Resistance VGS = 0, ID = 1.0 mAdc 2N4856, 2N4859 2N4857, 2N4860 2N4858, 2N4861 rds(on) 25 40 60 Ω Drain-Source “On” State Voltage VGS = 0, ID = 20 mAdc 2N4856, 2N4859 VGS = 0, ID = 10 mAdc 2N4857, 2N4860 VGS = 0, ID = 5.0 mAdc 2N4858, 2N4861 VDS(on) 0.75 0.50 0.50 Vdc Small-Signal, Common-Source Reverse Transfer Capacitance VGS = -10 Vdc, VDS = 0, f = 1.0 MHz C1 = 0.1µF, L1 = L2 ≥ 500 µH Crss 8.0 pF Small-Signal, Common-Source Short-Circuit Input Capacitance VGS = -10 Vdc, VDS = 0, f = 1.0 MHz C1 = 0.1µF, C2 = 20.1 m FL1 = L2 ≥ 500 µH Ciss 18 pF Turn-On Delay Time 2N4856, 2N4859 2N4857, 2N4860 2N4858, 2N4861 td on 6 6 10 ηs Rise Time 2N4856, 2N4859 2N4857, 2N4860 2N4858, 2N4861 tr 3 4 10 ηs Turn-Off Delay Time 2N4856, 2N4859 2N4857, 2N4860 2N4858, 2N4861 See Figure 3 of MIL-PRF- 19500/385 td off 25 50 100 ηs 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 2 of 2 |