Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC7133 Fiches technique(PDF) 13 Page - Vitesse Semiconductor Corporation

No de pièce VSC7133
Description  10-bit Transceiver for Fibre Channel and Gigabit Ethernet
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VITESSE [Vitesse Semiconductor Corporation]
Site Internet  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7133 Fiches technique(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7133 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
1/17/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
10-bit Transceiver for Fibre
Channel and Gigabit Ethernet
Advance Product Information
VSC7133
G52187-0 Rev. 2.4
Package Pin Descriptions
Figure 9: Pin Diagram
Table 5: Pin Identification
Pin #
Name
Description
2,3,4,6
7,8,9,11
12,13
T0,T1,T2,T3
T4,T5,T6,T7
T8,T9
INPUTS - TTL
10-bit transmit character. Parallel data on this bus is clocked in on the rising edge of
REFCLK. The data bit corresponding to T0 is transmitted first.
T5
T4
VDDD
T7
T8
T9
R6
R5
COMDET
R4
VDDT
R7
R8
T2
VDDD
T3
R2
VSSD
TDI
VSST
T6
CAP0
VSSD
VSSA
R9
R3
R1
R0
VSST
VDDT
T1
T0
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
63
61
59
57
55
53
51
49
33
35
37
39
41
43
45
47
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18