Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IOBUS0 Fiches technique(PDF) 43 Page - Future Technology Devices International Ltd.

No de pièce IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Fiches technique(HTML) 43 Page - Future Technology Devices International Ltd.

Back Button IOBUS0 Datasheet HTML 39Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 40Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 41Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 42Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 43Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 44Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 45Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 46Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 47Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
43
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
6.3.2 Full Duplex
In full duplex mode, the SPI slave sends data on MISO line at the same time as it receives data on MOSI.
During the command phase this data is always the slave status byte. For a write command, write data
can be streamed out of MOSI and status can be sent during each write phase from slave to master. As
long as the slave status indicates that it can receive more data, the master can continue to stream
further write bytes. Figure 6.5 is an example of this.
SS#
MISO
MOSI
8 bit CMD
W0
W1
W2
STATUS
STATUS
STATUS
STATUS
Figure 6.5 Full Duplex Data Master Write
When the master is performing a data read, the data and status both need to share the same pin (MISO).
In this case the master and slave will exchange command and status bytes, followe d by the slave sending
its data. If the Master keeps SS# active the Slave will send a further status byte after the data followed
by another data byte. This continues until the Master indicates the end of the communications by raising
SS#. Figure 6.6 is an example of this.
SS#
MISO
MOSI
8 bit CMD
STATUS
R0
STATUS
R1
Figure 6.6 Full Duplex Data Master Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88