Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC662 Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LPC662
Description  Low Power CMOS Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC662 Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LPC662 Datasheet HTML 5Page - National Semiconductor (TI) LPC662 Datasheet HTML 6Page - National Semiconductor (TI) LPC662 Datasheet HTML 7Page - National Semiconductor (TI) LPC662 Datasheet HTML 8Page - National Semiconductor (TI) LPC662 Datasheet HTML 9Page - National Semiconductor (TI) LPC662 Datasheet HTML 10Page - National Semiconductor (TI) LPC662 Datasheet HTML 11Page - National Semiconductor (TI) LPC662 Datasheet HTML 12Page - National Semiconductor (TI) LPC662 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Application Hints (Continued)
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
board at all, but bend it up in the air and use only air as an in-
sulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board con-
struction, but the advantages are sometimes well worth the
effort
of
using
point-to-point
up-in-the-air
wiring.
See
Figure 6.
DS010548-19
FIGURE 4. Example of Guard Ring in P.C. Board Layout, using the LPC660
DS010548-20
(a) Inverting Amplifier
DS010548-22
(c) Follower
DS010548-21
(b) Non-Inverting Amplifier
DS010548-23
(d) Howland Current Pump
FIGURE 5. Guard Ring Connections
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16