| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC660AMD Fiches technique(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LPC660AMD Fiches technique(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 17 page ![]() Typical Single-Supply Applications (V+ = 5.0 V DC) (Continued) 10 Hz Bandpass Filter DS010547-13 fO = 10 Hz Q = 2.1 Gain = −8.8 10 Hz High-Pass Filter (2 dB Dip) DS010547-14 fc = 10 Hz d = 0.895 Gain = 1 1 Hz Low-Pass Filter (Maximally Flat, Dual Supply Only) DS010547-15 High Gain Amplifier with Offset Voltage Reduction DS010547-16 Gain = −46.8 Output offset voltage reduced to the level of the input offset voltage of the bottom amplifier (typically 1 mV), referred to VBIAS. www.national.com 14 |