Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML9478C Fiches technique(PDF) 14 Page - LAPIS Semiconductor Co., Ltd.

No de pièce ML9478C
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPIS [LAPIS Semiconductor Co., Ltd.]
Site Internet  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9478C Fiches technique(HTML) 14 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9478C Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
FEDL9478C-01
ML9478C
14/31
DESCRIPTION
Operation description (Serial interface)
• Display data input
As described in the Data configuration section, the display data consists of the data field that corresponds to
each segment on/off and the command field that indicates the display data input.
When inputting the display data, the "F3" command is set in the command field.
When the "F1" or "F2"
command is set in the command field, the display data in the data field becomes invalid.
The data input to the DATA pin is loaded to the shift register at the CLOCK pulse rise, transferred to the
display data latch during the LOAD pulse at the "H" level, then output via the segment driver.
D1
D2
D3
D4
D80 C0
C1
C2
C3
C4
C5
C6
CLOCK
DATA
New data
LOAD
Display output
C7
Data field
Old data
Command field
• Display on, Display off
The display becomes off at power-on reset. To display, write the display on command.
The display off is the command that makes all segments off. Writing the display off command turns off the
lights regardless of the display data.
The display on is the command to release the display off. Writing the display on command returns the display
to the original state.
D1 D2
C6
C4 C5 C6 C7
C4 C5 C6 C7
CLOCK
DATA
LOAD
Display ON/OFF
C7
RESET
Display data input
Display on
command write
Display off
command write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com