Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA8440F Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TA8440F
Description  Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8440F Fiches technique(HTML) 7 Page - Toshiba Semiconductor

  TA8440F Datasheet HTML 1Page - Toshiba Semiconductor TA8440F Datasheet HTML 2Page - Toshiba Semiconductor TA8440F Datasheet HTML 3Page - Toshiba Semiconductor TA8440F Datasheet HTML 4Page - Toshiba Semiconductor TA8440F Datasheet HTML 5Page - Toshiba Semiconductor TA8440F Datasheet HTML 6Page - Toshiba Semiconductor TA8440F Datasheet HTML 7Page - Toshiba Semiconductor TA8440F Datasheet HTML 8Page - Toshiba Semiconductor TA8440F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TA8440H/F
2001-08-29
7
PACKAGE DIMENSIONS
HZIP12−P−1.78B
Unit: mm
Weight: 4.04 g (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9