Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2992IM5-2.5 Fiches technique(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LP2992IM5-2.5
Description  Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2992IM5-2.5 Fiches technique(HTML) 14 Page - National Semiconductor (TI)

Back Button LP2992IM5-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP2992IM5-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP2992IM5-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LP2992IM5-2.5 Datasheet HTML 10Page - National Semiconductor (TI) LP2992IM5-2.5 Datasheet HTML 11Page - National Semiconductor (TI) LP2992IM5-2.5 Datasheet HTML 12Page - National Semiconductor (TI) LP2992IM5-2.5 Datasheet HTML 13Page - National Semiconductor (TI) LP2992IM5-2.5 Datasheet HTML 14Page - National Semiconductor (TI) LP2992IM5-2.5 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Physical Dimensions inches (millimeters)
unless otherwise noted
5-Lead Small Outline Package (M5)
NS Package Number MF05A
For Order Numbers, refer to Table 1 in the “Ordering Information” section of this document.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15