Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR710FZ2T6 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STR710FZ2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ2T6 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STR710FZ2T6 Datasheet HTML 5Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 6Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 7Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 8Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 9Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 10Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 11Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 12Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
STR71xF - INTRODUCTION
9/49
1.3 Pin Description for 144-Pin Packages
Figure 2. STR710 TQFP Pinout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
P0.10/U1.RX/U1.TX/SCDATA
RDn
P0.11/U1.TX/BOOT.1
P0.12/SCCLK
VSS
V33
P2.0/CSn.0
P2.1/CSn.1
P0.13/U2.RX/T2.OCMPA
P0.14/U2.TX/T2.ICAPA
P2.2/CSn.2
P2.3/CSn.3
P2.4/A.20
P2.5/A.21
P2.6/A.22
BOOTEN
P2.7/A.23
P2.8
N.C.
N.C.
VSS
V33
P2.9
P2.10
P2.11
P2.12
P2.13
P2.14
P2.15
JTDI
JTMS
JTCK
JTDO
JTRSTn
NU
TEST
P1.14/HRXD/I0.SDA
P1.13/HCLK/I0.SCL
P1.10/USBCLK
P1.9
V33
VSS
A.4
A.3
A.2
A.1
A.0
D.15
D.14
D.13
D.12
D.11
D.10
USBDN
USBDP
P1.12/CANTX
P1.11/CANRX
N.C.
P1.8
P1.7/T1.OCMPA
VSSIO-PLL
V33IO-PLL
D.9
D.8
D.7
D.6
D.5
P1.6/T1.OCMPB
P1.5/T1.ICAPB
P1.4/T1.ICAPA
P1.3/T3.ICAPB/AIN.3
P1.2/T3.OCMPA/AIN.2
TQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49