| Moteur de recherche de fiches techniques de composants électroniques |
|
STK6005 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
STK6005 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 36 page ![]() 13 STK6005 the VGAHS or CSync signals for the external ADC H-Sync input. And suitable coast and clamp signals are also generated for external ADC. 5.6 Definition of Input / Output Window The input capture window is defined by the internal registers: HBP, HDISP, VBP, and VDISP (if SelDE is set to 0). The timing of inputs are referred to the leading edge of input H-Sync and V-Sync. The horizontal timing is counted in the number of VCLKs and the vertical timing exists in input display lines. VBP VDISP Input Sampling Area IVT HBP HDISP IHT Input window diagram Back to Contents Table |