Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSOP24 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce SSOP24
Description  24-LEAD SHRINK SMALL OUTLINE PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SSOP24 Fiches technique(HTML) 2 Page - STMicroelectronics

  SSOP24 Datasheet HTML 1Page - STMicroelectronics SSOP24 Datasheet HTML 2Page - STMicroelectronics SSOP24 Datasheet HTML 3Page - STMicroelectronics SSOP24 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSOP24 PACKAGE AND PACKING INFORMATION
2/4
TAPE MECHANICAL DATA
mm.
inch
D
1.50 +0.1/0
0.059 +0.004/0
E
1.75 ±0.1
0.069 ±0.004
Po
4.00 ±0.1
0.157 ±0.004
T max.
0.40
0.016
D1 min.
1.50
0.059
F
7.5 ±0.05
0.295 ±0.002
K max.
6.50
0.256
P2
2.00 ±0.05
0.079 ±0.002
R
40
1.575
W
16.00 ±0.30
0.630 ±0.012
P1
12.00
0.472
Ao, Bo, Ko
0.05 min to 0.90 max.
0.002 min to 0.035 max.
BASE QUANTITY
1350 pcs.
BULK QUANTITY
1350 pcs.
TAPE & REEL SHIPMENT INFORMATION
TAPE SPECIFICATIONS
Ko
T
Top Cover
Tape
K
Bo
D
P2
Po
E
W
F
Ao
P1
R
Center line
of gravity
User direction of feed
Bending radius
User direction of feed



Html Pages

1 2 3 4