Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS2625 Fiches technique(PDF) 22 Page - NEC

No de pièce PS2625
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

PS2625 Fiches technique(HTML) 22 Page - NEC

Back Button PS2625 Datasheet HTML 18Page - NEC PS2625 Datasheet HTML 19Page - NEC PS2625 Datasheet HTML 20Page - NEC PS2625 Datasheet HTML 21Page - NEC PS2625 Datasheet HTML 22Page - NEC PS2625 Datasheet HTML 23Page - NEC PS2625 Datasheet HTML 24Page - NEC PS2625 Datasheet HTML 25Page - NEC PS2625 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
21
Optocoupler Structure
Figure 1 shows the internal perspective view of a PS2500 optocoupler and Figure 2 shows the sectional view of the optocoupler.
Figure 2 below shows the optocoupler in a light-tight epoxy resin housing, and a light-sensitive element (phototransistor or photo
Darlington transistor) with light-transmittable epoxy resin medium between them. A light signal emitted by the LED is transferred
to the photosensitive transistor via the internal resin medium.
Both the housing resin and the internal resin have the same expansion coefficient. Namely, the optocoupler elements are molded
twice with epoxy resin. (This structure is referred to as a double molding structure.)
The high isolation voltage is obtained by the long adjacent area of the inner and outer resins (inner boundary) and identical
expansion coefficient of the inner and outer resins (eliminating arc discharges on the inner boundary).
Figure 1. Internal perspective view of optocoupler
Outer resin (Black)
Inner resin (White)
Inner boundary
Figure 2. Sectional view of optocoupler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38