Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2995 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LP2995
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2995 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LP2995 Datasheet HTML 1Page - National Semiconductor (TI) LP2995 Datasheet HTML 2Page - National Semiconductor (TI) LP2995 Datasheet HTML 3Page - National Semiconductor (TI) LP2995 Datasheet HTML 4Page - National Semiconductor (TI) LP2995 Datasheet HTML 5Page - National Semiconductor (TI) LP2995 Datasheet HTML 6Page - National Semiconductor (TI) LP2995 Datasheet HTML 7Page - National Semiconductor (TI) LP2995 Datasheet HTML 8Page - National Semiconductor (TI) LP2995 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagrams
SO-8 (M08A) Package
LQA- 16 Package
20039320
Top View
20039304
Top View
PSOP-8 (MRA08A) Package
20039350
Top View
Pin Description
SO-8 Pin or
PSOP-8 Pin
LLP Pin
Name
Function
1
1,3,4,6,9, 13,16
NC
No internal connection. Can be used for vias.
2
2
GND
Ground.
3
5
VSENSE
Feedback pin for regulating VTT.
4
7
VREF
Buffered internal reference voltage of
VDDQ/2.
5
8
VDDQ
Input for internal reference equal to VDDQ/2.
6
10
AVIN
Analog input pin.
7
11, 12
PVIN
Power input pin.
8
14, 15
VTT
Output voltage for connection to termination
resistors.
Ordering Information
Order Number
Package Type
NSC Package
Drawing
Supplied As
LP2995M
SO-8
M08A
95 Units per Rail
LP2995MX
SO-8
M08A
2500 Units Tape and Reel
LP2995MR
PSOP-8
MRA08A
95 Units per Rail
LP2995MRX
PSOP-8
MRA08A
2500 Units Tape and Reel
LP2995LQ
LLP-16
LQA16A
1000 Units Tape and Reel
LP2995LQX
LLP-16
LQA16A
4500 Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13