Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2960AIN-3.3 Fiches technique(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LP2960AIN-3.3
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2960AIN-3.3 Fiches technique(HTML) 13 Page - National Semiconductor (TI)

Back Button LP2960AIN-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2960AIN-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2960AIN-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP2960AIN-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP2960AIN-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP2960AIN-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LP2960AIN-3.3 Datasheet HTML 15Page - National Semiconductor (TI) LP2960AIN-3.3 Datasheet HTML 16Page - National Semiconductor (TI) LP2960AIN-3.3 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Hints (Continued)
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R (max). This is calcu-
lated by using the formula:
T
R (max) = TJ (max) − TA (max)
where:
T
J (max) is the maximum allowable junction temperature,
which is 125˚C for commercial grade parts.
T
A (max) is the maximum ambient temperature which will be
encountered in the application.
Using the calculated values for T
R (max) and PD, the maxi-
mum allowable value for the junction-to-ambient thermal re-
sistance,
θ
(J−A), can now be found:
θ
(J−A) = TR (max)/PD
The heatsink for the LP2960 is made using the PC board
copper, with the heat generated on the die being conducted
through the lead frame and out to the pins which are sol-
dered to the PC board.
The GND pins are the only ones capable of conducting any
significant amount of heat, as they are internally attached to
the lead frame on which the die is mounted.
The figure below shows recommended copper foil patterns
to be used for heatsinking the DIP and Surface Mount pack-
ages:
The table below shows measured values of
θ
(J−A) foraPC
board with 1 ounce copper weight:
Package
L (in.)
H (in.)
θ
J−A(˚C/W)
DIP
1
0.5
50
2
0.2
52
Surface
Mount
1
0.5
72
2
0.2
74
As the heat must transfer from the copper to the surrounding
air, best results (lowest
θ
J−A) will be obtained by using a sur-
face copper layer with the solder resist opened up over the
heatsink area.
If an
internal copper layer of a multi-layer board is used for
heatsinking, the board material acts as an insulator, inhibit-
ing heat transfer and increasing
θ
J−A.
As with any heatsink, increasing the airflow across the board
will significantly improve the heat transfer.
Heat Sink Foil Patterns
DS011962-31
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17