Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-10MQ060-M3 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce VS-10MQ060-M3
Description  Schottky Rectifier, 1 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10MQ060-M3 Fiches technique(HTML) 3 Page - Vishay Siliconix

  VS-10MQ060-M3 Datasheet HTML 1Page - Vishay Siliconix VS-10MQ060-M3 Datasheet HTML 2Page - Vishay Siliconix VS-10MQ060-M3 Datasheet HTML 3Page - Vishay Siliconix VS-10MQ060-M3 Datasheet HTML 4Page - Vishay Siliconix VS-10MQ060-M3 Datasheet HTML 5Page - Vishay Siliconix VS-10MQ060-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS-10MQ060-M3
www.vishay.com
Vishay Semiconductors
Revision: 11-Oct-11
3
Document Number: 93351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Peak Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Average Forward Current vs.
Allowable Lead Temperature
Fig. 5 - Maximum Average Forward Dissipation vs.
Average Forward Current
Fig. 6 - Maximum Peak Surge Forward Current vs.
Pulse Duration
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
10
1
VFM - Forward Voltage Drop (V)
0.1
0.2
0.4
0.6
0.8
1.6
1.0
1.2
1.4
T
J = 25 °C
T
J = 150 °C
T
J = 125 °C
10
0.01
0.001
VR - Reverse Voltage (V)
0
0.0001
60
50
0.1
10
30
1
100
20
40
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
100
VR - Reverse Voltage (V)
0
10
60
20
40
10
30
50
T
J = 25 °C
IF(AV) - Average Forward Current (A)
80
110
150
0
0.4
0.8
1.2
2.4
70
90
100
120
130
1.6
2.0
140
D = 0.20
D = 0.33
D = 0.50
D = 0.75
D = 0.25
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
DC
IF(AV) - Average Forward Current (A)
0
0.2
0.4
0.6
0.8
0
0.4
0.8
1.2
2.0
2.4
1.0
1.6
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC
RMS limit
1.2
1.4
tp - Square Wave Pulse Duration (µs)
100
10
100
1000
10 000
10
1
At any rated load condition and
with rated V
RRM applied
following surge



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com