| Moteur de recherche de fiches techniques de composants électroniques |
|
YMF721 Fiches technique(PDF) 40 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
YMF721 Fiches technique(HTML) 40 Page - LSI Computer Systems |
|
40 / 41 page ![]() YMF721 July 10, 1997 - 40 - EXTERNAL DIMENSIONS OF PACKAGE The shape of the molded corner may slightly different from the shape in this diagram. The figure in the parenthesis ( ) should be used as a reference. Plastic body dimensions do not include burr of resin. UNIT : mm Note : LSIs to be installed on the surface of the printed circuit board require special care in storage and soldering. Consult your dealer for the details. 76 100 125 75 51 50 26 16.00 ± 0.40 14.00 ± 0.30 0.20 ± 0.10 or 0.18 ± 0.10 P-0.50TYP LEAD THICKNESS : 0.125TYP or 0.15TYP (1.0) 0-10º 0.50 ± 0.20 |