Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT73L00 Fiches technique(PDF) 5 Page - Exar Corporation

No de pièce XRT73L00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L00 Fiches technique(HTML) 5 Page - Exar Corporation

  XRT73L00 Datasheet HTML 1Page - Exar Corporation XRT73L00 Datasheet HTML 2Page - Exar Corporation XRT73L00 Datasheet HTML 3Page - Exar Corporation XRT73L00 Datasheet HTML 4Page - Exar Corporation XRT73L00 Datasheet HTML 5Page - Exar Corporation XRT73L00 Datasheet HTML 6Page - Exar Corporation XRT73L00 Datasheet HTML 7Page - Exar Corporation XRT73L00 Datasheet HTML 8Page - Exar Corporation XRT73L00 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
áç
áç
áç
áç
XRT73L00A
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 2.0.1
III
Figure 28. The Behavior of the RPOS and RCLK1 Output Signals While the XRT73L00A is Transmitting Single-
Rail Data to the Receiving Terminal Equipment ........................................................................... 38
4.0 Diagnostic Features of the XRT73L00A ................................................................... 38
4.1 THE ANALOG LOCAL LOOP-BACK MODE .............................................................................................. 38
Figure 29. The Analog Local Loop-Back in the XRT73L00A .......................................................................... 39
COMMAND REGISTER CR4 (ADDRESS = 0X04) ........................................................................................... 39
4.2 THE DIGITAL LOCAL LOOP-BACK MODE ............................................................................................... 39
Figure 30. The Digital Local Loop-Back path in the XRT73L00A ................................................................... 40
COMMAND REGISTER CR4 (ADDRESS = 0X04) ........................................................................................... 40
4.3 THE REMOTE LOOP-BACK MODE ......................................................................................................... 40
Figure 31. The Remote Loop-Back Path in the XRT73L00A .......................................................................... 41
4.4 TXOFF FEATURES .............................................................................................................................. 41
COMMAND REGISTER CR4 (ADDRESS = 0X04) ........................................................................................... 41
4.5 THE TRANSMIT DRIVE MONITOR FEATURES .......................................................................................... 41
COMMAND REGISTER CR1 (ADDRESS = 0X01) ........................................................................................... 41
Figure 32. The XRT73L00A Employing the Transmit Drive Monitor Features ............................................... 42
Figure 33. Two LIU’s, Each Monitoring the Transmit Output Signal of the Other LIU IC .............................. 43
4.6 THE TAOS (TRANSMIT ALL ONES) FEATURE ....................................................................................... 43
COMMAND REGISTER CR1 (ADDRESS = 0X01) ........................................................................................... 43
5.0 The Microprocessor Serial Interface ........................................................................ 44
5.1 DESCRIPTION OF THE COMMAND REGISTERS ........................................................................................ 44
TABLE 5: ADDRESSES AND BIT FORMATS OF XRT73L00A COMMAND REGISTERS .............................................. 44
DESCRIPTION OF BIT-FIELDS FOR EACH COMMAND REGISTER ..................................................................... 44
5.1.1 Command Register - CR0 ...................................................................................................... 44
5.1.2 Command Register - CR1 ...................................................................................................... 45
5.1.3 Command Register - CR2 ...................................................................................................... 46
5.1.4 Command Register - CR3 ...................................................................................................... 46
5.1.5 Command Register - CR4 ...................................................................................................... 46
5.2 OPERATING THE MICROPROCESSOR SERIAL INTERFACE. ...................................................................... 47
TABLE 6: LOOP-BACK MODES ........................................................................................................................... 47
Figure 34. Microprocessor Serial Interface Data Structure ............................................................................ 48
ORDERING INFORMATION ............................................................................................................................ 49
PACKAGE DIMENSIONS ................................................................................................. 49
REVISION HISTORY ..................................................................................................................................... 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53