Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP365 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LP365
Description  Micropower Programmable Quad Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP365 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button LP365 Datasheet HTML 2Page - National Semiconductor (TI) LP365 Datasheet HTML 3Page - National Semiconductor (TI) LP365 Datasheet HTML 4Page - National Semiconductor (TI) LP365 Datasheet HTML 5Page - National Semiconductor (TI) LP365 Datasheet HTML 6Page - National Semiconductor (TI) LP365 Datasheet HTML 7Page - National Semiconductor (TI) LP365 Datasheet HTML 8Page - National Semiconductor (TI) LP365 Datasheet HTML 9Page - National Semiconductor (TI) LP365 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Applications (Continued)
Ordinary Hysteresis
TLH5023 – 6
It is a good practice to add a few millivolts of positive feedback to prevent
oscillation when the input voltage is near the threshold
Hysteresis from Emitter
TLH5023 – 7
Positive feedback from the emitter can also prevent oscillations when VIN is
near the threshold
Bar-Graph Display
TLH5023 – 8
The positive feedback from pin 16 provides hysteresis
Level-Sensitive Strobe
TLH5023 – 9
Comparators B C and D do not respond until activated by the signal applied
to comparator A
6



Html Pages

1 2 3 4 5 6 7 8 9 10