| Moteur de recherche de fiches techniques de composants électroniques |
|
FXR.08.A Fiches technique(PDF) 7 Page - Taoglas antenna solutions |
|
|
|||||||||||||||||||||||||||||
FXR.08.A Fiches technique(HTML) 7 Page - Taoglas antenna solutions |
|
7 / 10 page ![]() SPE-14-8-111/C/CMPage7of10 3.4. Test Results A total of 11 sample devices were used to measure the interrogation distances. The results are in the next tables: • Using Texas Instruments TRF7970AEVM: Device Dimensions (mm.) Interrogation Distance (mm.) Mifare Ultralight C 80 x 50 15 Topaz512 (Type 1) 43 x 43 28 NTAG203 (Type 2) F 42 33 Mifare DESFire (Type 4) 80 x 50 -- Tag-it HFI Plus RI-I11-112 45 x 45 41 Tag-it HFI Plus RI-I02-112 76 x 48 60 Tag-it HFI Plus RI-I03-112 38 x 22.5 -- Tag-it HFI Plus RI-I16-112 F 24.2 30 Button type F 22 29 Tag-it HFI Plus RI-I17-112 F 32.5 35 LG G2 cell phone -- 32 • Using NXP MFEV700: Device Dimensions (mm.) Interrogation Distance (mm.) Mifare Ultralight C 80 x 50 8 Mifare DESFire (Type 4) 80 x 50 17 LG G2 cell phone -- 24 |