| Moteur de recherche de fiches techniques de composants électroniques |
|
ACSL-7210 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACSL-7210 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 8 page ![]() 2 Ordering Information ACSL-7210 is UL Recognized with 3750 VRMS for 1 minute per UL1577. Part number Option Package Surface Mount Tape & Reel IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACSL-7210 -00RE SO-8 X 100 per tube -06RE X X 100 per tube -50RE X X 1500 per reel -56RE X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACSL-7210-50RE to order RoHS-compliant Surface Mount 8-pin package in Tape-and-Reel packaging. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Package Outline Drawings ACSL-7210 SO-8 Package 8 7 6 5 4 3 2 1 0.228 (5.80) 0.244 (6.20) 0.189 (4.80) 0.197 (5.00) 0.150 (3.80) 0.157 (4.00) 0.013 (0.33) 0.020 (0.51) 0.040 (1.016) 0.060 (1.524) 0.004 (0.10) 0.010 (0.25) 0.054 (1.37) 0.069 (1.75) x 45 ° DIMENSIONS: INCHES (MILLIMETERS) MIN MAX 0.286 (7.27) 0.085 (2.16) 0.025 (0.64 ) LAND PATTERN RECOMMENDATION 0.010 (0.25) 0.020 (0.50) 0.008 (0.19) 0.010 (0.25) 0 ° 8 ° 0.016 (0.40) 0.050 (1.27) YYWW NNNN DEVICE PART NUMBER A • EEE LOT ID LEAD FREE AVAGO DATE CODE |