| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9513 Fiches technique(PDF) 10 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
PCA9513 Fiches technique(HTML) 10 Page - Integrated Circuit Systems |
|
10 / 20 page ![]() Philips Semiconductors Product data sheet PCA9513; PCA9514 Hot swappable I2C and SMBus bus buffer 2004 Oct 05 10 C1 0.01 µF R4 10 k Ω R5 10 k Ω I/O PERIPHERAL CARD 1 R6 10 k Ω ENABLE VCC SDAIN SCLIN SDAOUT SCLOUT ACC GND CARD_SDA CARD_SCL R1 10 k Ω R2 10 k Ω VCC SDA SCL BACKPLANE BACKPLANE CONNECTOR C2 0.01 µF C3 0.01 µF R8 10 k Ω R9 10 k Ω I/O PERIPHERAL CARD 2 R10 10 k Ω ENABLE VCC SDAIN SCLIN SDAOUT SCLOUT ACC GND CARD2_SDA CARD2_SCL C4 0.01 µF SW02121 Figure 11. Hot swapping multiple I/O cards into a backplane using the PCA9514 in a PCI system R3 1 k Ω R2 1 k Ω C2 0.01 µF R5 10 k Ω ENABLE VCC SDAOUT SDAIN READY SCLOUT SCLIN GND R4 10 k Ω R1 10 k Ω SCL SDA VCC SCL2 SDA2 RDROP VCC_LOW SW02123 Figure 12. System with disparate VCC voltages |