Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMX2332LSLB Fiches technique(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMX2332LSLB
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332LSLB Fiches technique(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2332LSLB Datasheet HTML 8Page - National Semiconductor (TI) LMX2332LSLB Datasheet HTML 9Page - National Semiconductor (TI) LMX2332LSLB Datasheet HTML 10Page - National Semiconductor (TI) LMX2332LSLB Datasheet HTML 11Page - National Semiconductor (TI) LMX2332LSLB Datasheet HTML 12Page - National Semiconductor (TI) LMX2332LSLB Datasheet HTML 13Page - National Semiconductor (TI) LMX2332LSLB Datasheet HTML 14Page - National Semiconductor (TI) LMX2332LSLB Datasheet HTML 15Page - National Semiconductor (TI) LMX2332LSLB Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Functional Description
The simplified block diagram below shows the 22-bit data register, two 15-bit R Counters and the 15- and 18-bit N Counters (in-
termediate latches are not shown). The data stream is clocked (on the rising edge of Clock) into the DATA register, MSB first. The
data stored in the shift register is loaded into one of 4 appropriate latches on the rising edge of LE. The last two bits are the Con-
trol Bits. The DATA is transferred into the counters as follows:
Control Bits
DATA Location
C1
C2
0
0
IF R Counter
0
1
RF R Counter
1
0
IF N Counter
1
1
RF N Counter
PROGRAMMABLE REFERENCE DIVIDERS (IF AND RF R COUNTERS)
If the Control Bits are 00 or 01 (00 for IF and 01 for RF) data is transferred from the 22-bit shift register into a latch which sets
the 15-bit R Counter. Serial data format is shown below.
15-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO (R COUNTER)
Divide
RRRRRRRRRRRRRRR
Ratio
15 14 13 12 11 10
987654321
3
000000000000011
4
000000000000100
•
•••••••••••••••
32767
111111111111111
Notes:
Divide ratios less than 3 are prohibited.
Divide ratio: 3 to 32767
R1 to R15: These bits select the divide ratio of the programmable reference divider.
Data is shifted in MSB first.
DS012806-6
DS012806-7
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21