| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC860DP Fiches technique(PDF) 4 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC860DP Fiches technique(HTML) 4 Page - Motorola, Inc |
|
4 / 76 page ![]() 4 MPC860 Family Hardware Specifications MOTOROLA Features — Decrementer, time base, and real-time clock (RTC) from the PowerPC architecture — Reset controller — IEEE 1149.1 test access port (JTAG) • Interrupts — Seven external interrupt request (IRQ) lines — 12 port pins with interrupt capability — 23 internal interrupt sources — Programmable priority between SCCs — Programmable highest priority request • 10/100 Mbps Ethernet support, fully compliant with the IEEE 802.3u Standard (not available when using ATM over UTOPIA interface) • ATM support compliant with ATM forum UNI 4.0 specification — Cell processing up to 50–70 Mbps at 50-MHz system clock — Cell multiplexing/demultiplexing — Support of AAL5 and AAL0 protocols on a per-VC basis. AAL0 support enables OAM and software implementation of other protocols). — ATM pace control (APC) scheduler, providing direct support for constant bit rate (CBR) and unspecified bit rate (UBR) and providing control mechanisms enabling software support of available bit rate (ABR) — Physical interface support for UTOPIA (10/100-Mbps is not supported with this interface) and byte-aligned serial (for example, T1/E1/ADSL) — UTOPIA-mode ATM supports level-1 master with cell-level handshake, multi-PHY (up to 4 physical layer devices), connection to 25-, 51-, or 155-Mbps framers, and UTOPIA/system clock ratios of 1/2 or 1/3. — Serial-mode ATM connection supports transmission convergence (TC) function for T1/E1/ADSL lines; cell delineation; cell payload scrambling/descrambling; automatic idle/unassigned cell insertion/stripping; header error control (HEC) generation, checking, and statistics. • Communications processor module (CPM) — RISC communications processor (CP) — Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT MODE , and RESTART TRANSMIT) — Supports continuous mode transmission and reception on all serial channels — Up to 8Kbytes of dual-port RAM — 16 serial DMA (SDMA) channels |