| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV358 Fiches technique(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMV358 Fiches technique(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 27 page ![]() Application Notes (Continued) 4.9 COMPARATOR WITH HYSTERESIS The LMV321/358/324 can be used as a low power compara- tor. Figure 24 shows a comparator with hysteresis. The hysteresis is determined by the ratio of the two resistors. V TH+ =VREF/(1+R 1/R2)+VOH/(1+R2/R1) V TH− =VREF/(1+R 1/R2)+VOL/(1+R2/R1) V H =(VOH−VOL)/(1+R 2/R1) where V TH+: Positive Threshold Voltage V TH−: Negative Threshold Voltage V OH: Output Voltage at High V OL: Output Voltage at Low V H: Hysteresis Voltage Since LMV321/358/324 have rail-to-rail output, the (V OH−VOL) equals to VS, which is the supply voltage. V H =VS/(1+R2/R 1) The differential voltage at the input of the op amp should not exceed the specified absolute maximum ratings. For real comparators that are much faster, we recommend you to use National’s LMV331/393/339, which are single, dual and quad general purpose comparators for low voltage operation. Connection Diagrams 5-Pin SC70-5/SOT23-5 8-Pin SO/MSOP 14-Pin SO/TSSOP 10006001 Top View 10006002 Top View 10006003 Top View Ordering Information Package Temperature Range Packaging Marking Transport Media NSC Drawing Industrial −40˚C to +85˚C 5-Pin SC70-5 LMV321M7 A12 1k Units Tape and Reel MAA05 LMV321M7X A12 3k Units Tape and Reel 5-Pin SOT23-5 LMV321M5 A13 1k Units Tape and Reel MA05B LMV321M5X A13 3k Units Tape and Reel 8-Pin Small Outline LMV358M LMV358M Rails M08A LMV358MX LMV358M 2.5k Units Tape and Reel 8-Pin MSOP LMV358MM LMV358 1k Units Tape and Reel MUA08A LMV358MMX LMV358 3.5k Units Tape and Reel 14-Pin Small Outline LMV324M LMV324M Rails M14A LMV324MX LMV324M 2.5k Units Tape and Reel 14-Pin TSSOP LMV324MT LMV324MT Rails MTC14 LMV324MTX LMV324MT 2.5k Units Tape and Reel 10006078 FIGURE 24. Comparator with Hysteresis www.national.com 21 |