Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV331M5X Fiches technique(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LMV331M5X
Description  General Purpose, Low Voltage, TinyPack Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV331M5X Fiches technique(HTML) 15 Page - National Semiconductor (TI)

Back Button LMV331M5X Datasheet HTML 11Page - National Semiconductor (TI) LMV331M5X Datasheet HTML 12Page - National Semiconductor (TI) LMV331M5X Datasheet HTML 13Page - National Semiconductor (TI) LMV331M5X Datasheet HTML 14Page - National Semiconductor (TI) LMV331M5X Datasheet HTML 15Page - National Semiconductor (TI) LMV331M5X Datasheet HTML 16Page - National Semiconductor (TI) LMV331M5X Datasheet HTML 17Page - National Semiconductor (TI) LMV331M5X Datasheet HTML 18Page - National Semiconductor (TI) LMV331M5X Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SOT-23-5 Tape and Reel Specification (Continued)
REEL DIMENSIONS
8 mm
7.00
0.059
0.512
0.795
2.165
0.331 + 0.059/−0.000
0.567
W1+ 0.078/−0.039
330.00
1.50
13.00
20.20
55.00
8.40 + 1.50/−0.00
14.40
W1 + 2.00/−1.00
Tape Size
A
B
C
D
N
W1
W2
W3
DS100080-46
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21