Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLMS31 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce VLMS31
Description  High Intensity SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS31 Fiches technique(HTML) 3 Page - Vishay Siliconix

  VLMS31 Datasheet HTML 1Page - Vishay Siliconix VLMS31 Datasheet HTML 2Page - Vishay Siliconix VLMS31 Datasheet HTML 3Page - Vishay Siliconix VLMS31 Datasheet HTML 4Page - Vishay Siliconix VLMS31 Datasheet HTML 5Page - Vishay Siliconix VLMS31 Datasheet HTML 6Page - Vishay Siliconix VLMS31 Datasheet HTML 7Page - Vishay Siliconix VLMS31 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VLMS31..
www.vishay.com
Vishay Semiconductors
Revision: 1.5, 03-Aug-15
3
Document Number: 81327
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Relative Luminous Intensity vs. Wavelength
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
10
20
30
40
60
95 10905
50
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
0.01
0.1
1
10
1
10
100
1000
10 000
tp - Pulse Length (ms)
100
95 9985
DC
t
p/T = 0.005
0.5
0.2
0.1
0.01
0.05
0.02
T
amb < 60 °C
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
550
590
630
670
710
750
16639
- Wavelength (nm)
super red
0.1
1
10
100
0
VF - Forward Voltage (V)
16634
super red
5
4
3
2
1
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
16638
super red



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com