Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV331M7X Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMV331M7X
Description  General Purpose, Low Voltage, TinyPack Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV331M7X Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV331M7X Datasheet HTML 7Page - National Semiconductor (TI) LMV331M7X Datasheet HTML 8Page - National Semiconductor (TI) LMV331M7X Datasheet HTML 9Page - National Semiconductor (TI) LMV331M7X Datasheet HTML 10Page - National Semiconductor (TI) LMV331M7X Datasheet HTML 11Page - National Semiconductor (TI) LMV331M7X Datasheet HTML 12Page - National Semiconductor (TI) LMV331M7X Datasheet HTML 13Page - National Semiconductor (TI) LMV331M7X Datasheet HTML 14Page - National Semiconductor (TI) LMV331M7X Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Application Circuits (Continued)
Driving CMOS and TTL
The comparator’s output is capable of driving CMOS and
TTL Logic circuits.
AND Gates
The comparator can be used as three input AND gate. The
operation of the gate is as follow:
The resistor divider at the inverting input establishes a refer-
ence voltage at that node. The non-inverting input is the sum
of the voltages at the inputs divided by the voltage dividers.
The output will go high only when all three inputs are high,
casing the voltage at the non-inverting input to go above that
at inverting input. The circuit values shown work for a
″0″
equal to ground and a
″1″ equal to 5V.
The resistor values can be altered if different logic levels are
desired. If more inputs are required, diodes are recom-
mended to improve the voltage margin when all but one of
the inputs are high.
OR Gates
A three input OR gate is achieved from the basic AND gate
simply by increasing the resistor value connected from the
inverting input to V
cc, thereby reducing the reference volt-
age.
A logic
″1″ at any of the inputs will produce a logic ″1″ at the
output.
ORing the Output
By the inherit nature of an open collector comparator, the
outputs of several comparators can be tied together with a
pull up resistor to V
cc. If one or more of the comparators out-
puts goes low, the output V
o will go low.
DS100080-5
FIGURE 10. Driving CMOS
DS100080-6
FIGURE 11. Driving TTL
DS100080-11
FIGURE 12. AND Gate
DS100080-10
FIGURE 13. OR Gate
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21