| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5540 Fiches technique(PDF) 19 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5540 Fiches technique(HTML) 19 Page - Cirrus Logic |
|
19 / 22 page ![]() CS5540 DS503PP1 19 4. SPECIFICATION DEFINITIONS Linearity Error The deviation of a code from a straight line which connects the two end points of the A/D Converter transfer function. One end point is located 1/2 LSB below the first code transition and the other end point is located 1/2 LSB beyond the code transition to all ones. Units in percent of full-scale. Differential Nonlinearity The deviation of a code’s width from the ideal width. Units in LSBs. Full Scale Error The deviation of the last code transition from the ideal [{(VREF+) - (VREF-)} - 3/2 LSB]. Units are in LSBs. Offset Error The deviation of the mid-scale transition (111...111 to 000...000) from the ideal (1/2 LSB below zero volts differential between the AIN+ and AIN- pins). Units are in LSBs. |