Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D12PS50 Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce D12PS50
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

D12PS50 Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  D12PS50 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited D12PS50 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
D12PS20--D12PS100
Document Number: T2B419AA
www.gmicroelec.com
2
PACKAGE OUTLINE
DIMENSIONS
PACKAGE
INFORMATION
Device
Package
Shipping
D12PS20--D12PS100
TO-277B
4000/Tape&Reel
TO-277B
Dim
Min
Max
A
1.00
1.30
A2
0.15
0.43
b1
0.75
1.05
b2
1.65
1.95
D
3.75
4.30
D2
2.80
3.20
E
6.35
6.70
e
1.65
1.95
E1
5.25
5.50
E2
3.05
3.55
L
0.85
1.30
L1
0.45
0.75
W
0.80
1.20
All Dimensions in mm



Html Pages

1 2