| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9821 Fiches technique(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9821 Fiches technique(HTML) 8 Page - Analog Devices |
|
8 / 16 page ![]() REV. 0 –8– AD9821 IMAGER MODE AND AUX MODE TIMING DATACLK OUTPUT DATA VIN+ N N+1 N+2 N+8 N+9 N–10 N–9 N–8 N–1 N tOD tH VIN– NOTES: 1. VIN+ AND VIN– SIGNALS ARE SAMPLED AT DATACLK RISING EDGES (CAN BE INVERTED USING THE CONTROL REGISTER). 2. INTERNAL SAMPLING DELAY (APERTURE) tID IS TYPICALLY 3 ns. 3. OUTPUT DATA LATENCY IS NINE DATACLK CYCLES. tCONV tID Figure 5. Imager Mode Timing IMAGER SIGNAL EFFECTIVE PIXELS CLPOB OPTICAL BLACK PIXELS HORIZONTAL BLANKING EFFECTIVE PIXELS PBLK NOTES: 1. CLPOB WILL OVERWRITE PBLK. PBLK WILL NOT AFFECT CLAMP OPERATION IF OVERLAPPING CLPOB. 2. PBLK SIGNAL IS OPTIONAL. 3. DIGITAL OUTPUT DATA WILL BE ALL ZEROS DURING PBLK. OUTPUT DATA LATENCY IS NINE DATACLK CYCLES. OUTPUT DATA EFFECTIVE PIXEL DATA OB PIXEL DATA EFFECTIVE DATA Figure 6. Typical Imager Mode Line Clamp Timing |