| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP147G Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP147G Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 8 page ![]() TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP) http://onsemi.com 2 MARKING DIAGRAMS AYWWG TIP14x TIP14x AYWWG 1 BASE 2 COLLECTOR 3 EMITTER TIP14x = Device Code A = Assembly Location Y = Year WW = Work Week G= Pb−Free Package 1 BASE 2 COLLECTOR 3 EMITTER TO−247 TO−218 DARLINGTON SCHEMATICS BASE EMITTER COLLECTOR ≈ 8.0 k ≈ 40 BASE EMITTER COLLECTOR ≈ 8.0 k ≈ 40 NPN TIP140 TIP141 TIP142 PNP TIP145 TIP146 TIP147 ORDERING INFORMATION Device Package Shipping TIP140G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP141G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP142G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP145G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP146G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP147G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP140G TO−247 (Pb−Free) 30 Units / Rail TIP141G TO−247 (Pb−Free) 30 Units / Rail TIP142G TO−247 (Pb−Free) 30 Units / Rail TIP145G TO−247 (Pb−Free) 30 Units / Rail TIP146G TO−247 (Pb−Free) 30 Units / Rail TIP147G TO−247 (Pb−Free) 30 Units / Rail |