Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP35CG Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce TIP35CG
Description  Complementary Silicon High-Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP35CG Fiches technique(HTML) 2 Page - ON Semiconductor

  TIP35CG Datasheet HTML 1Page - ON Semiconductor TIP35CG Datasheet HTML 2Page - ON Semiconductor TIP35CG Datasheet HTML 3Page - ON Semiconductor TIP35CG Datasheet HTML 4Page - ON Semiconductor TIP35CG Datasheet HTML 5Page - ON Semiconductor TIP35CG Datasheet HTML 6Page - ON Semiconductor TIP35CG Datasheet HTML 7Page - ON Semiconductor TIP35CG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
2
MARKING DIAGRAMS
AYWWG
TIP3xx
TIP3xx
AYWWG
1 BASE
2 COLLECTOR
3 EMITTER
TIP3xx
= Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G= Pb−Free Package
1 BASE
2 COLLECTOR
3 EMITTER
TO−247
TO−218
ORDERING INFORMATION
Device
Package
Shipping
TIP35AG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP35BG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP35CG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36AG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36BG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36CG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP35AG
TO−247
(Pb−Free)
30 Units / Rail
TIP35BG
TO−247
(Pb−Free)
30 Units / Rail
TIP35CG
TO−247
(Pb−Free)
30 Units / Rail
TIP36AG
TO−247
(Pb−Free)
30 Units / Rail
TIP36BG
TO−247
(Pb−Free)
30 Units / Rail
TIP36CG
TO−247
(Pb−Free)
30 Units / Rail



Html Pages

1 2 3 4 5 6 7 8