| Moteur de recherche de fiches techniques de composants électroniques |
|
74FST3383QS Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST3383QS Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 8 page ![]() 74FST3383 http://onsemi.com 2 Figure 2. Logic Diagram BX OE C4 A4 B4 D4 C0 A0 B0 D0 ORDERING INFORMATION Device Order N mber Package Shipping† Device Order Number Package Shipping† 74FST3383DW SOIC−24 48 Units / Rail 74FST3383DWR2 SOIC−24 2500 Units / Tape & Reel 74FST3383DT TSSOP−24* (Pb−Free) 96 Units / Rail 74FST3383DTR2 TSSOP−24* (Pb−Free) 2500 Units / Tape & Reel 74FST3383QS QSOP−24 96 Units / Rail 74FST3383QSR QSOP−24 2500 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. |