Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES3JB Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce ES3JB
Description  Surface Mount Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES3JB Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  ES3JB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES3JB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES3JB Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface Mount Rectifiers
ES3AB--ES3JB
Document Number: SMB103AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
SOLDERING FOOTPRINT
Unit :mm
PACKAGE
INFORMATION
Device
Package
Shipping
ES3AB-ES3JB
DO-214AA(SMB)
3000/Tape&Reel
SMB
Dim
Min
Max
A
4.30
4.70
B
3.30
3.70
C
2.00
2.30
D
5.05
5.55
E
0.10
0.30
F
0.95
1.55
G
0.20MAX
H
2.10
2.50
I
1.85
2.15
All Dimensions in mm
A
D
F



Html Pages

1 2 3