Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP95CS66F Fiches technique(PDF) 27 Page - Toshiba Semiconductor

No de pièce TMP95CS66F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP95CS66F Fiches technique(HTML) 27 Page - Toshiba Semiconductor

Back Button TMP95CS66F Datasheet HTML 23Page - Toshiba Semiconductor TMP95CS66F Datasheet HTML 24Page - Toshiba Semiconductor TMP95CS66F Datasheet HTML 25Page - Toshiba Semiconductor TMP95CS66F Datasheet HTML 26Page - Toshiba Semiconductor TMP95CS66F Datasheet HTML 27Page - Toshiba Semiconductor TMP95CS66F Datasheet HTML 28Page - Toshiba Semiconductor TMP95CS66F Datasheet HTML 29Page - Toshiba Semiconductor TMP95CS66F Datasheet HTML 30Page - Toshiba Semiconductor TMP95CS66F Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-27
2002-02-20
3.1
General Precautions Regarding Semiconductor Devices
Do not use devices under conditions exceeding their absolute maximum ratings (e.g. current, voltage,
power dissipation or temperature).
This may cause the device to break down, degrade its performance, or cause it to catch fire or explode,
resulting in injury.
Do not insert devices in the wrong orientation.
Make sure that the positive and negative terminals of power supplies are connected correctly. Otherwise
the rated maximum current or power dissipation may be exceeded and the device may break down or
undergo performance degradation, causing it to catch fire or explode and resulting in injury.
When power to a device is on, do not touch the device’s heat sink.
Heat sinks become hot, so you may burn your hand.
Do not touch the tips of device leads.
Because some types of device have leads with pointed tips, you may prick your finger.
When conducting any kind of evaluation, inspection or testing, be sure to connect the testing equipment’s
electrodes or probes to the pins of the device under test before powering it on.
Otherwise, you may receive an electric shock causing injury.
Before grounding an item of measuring equipment or a soldering iron, check that there is no electrical
leakage from it.
Electrical leakage may cause the device which you are testing or soldering to break down, or could give
you an electric shock.
Always wear protective glasses when cutting the leads of a device with clippers or a similar tool.
If you do not, small bits of metal flying off the cut ends may damage your eyes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48