Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS41DF Fiches technique(PDF) 43 Page - Toshiba Semiconductor

No de pièce TMP93CS41DF
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41DF Fiches technique(HTML) 43 Page - Toshiba Semiconductor

Back Button TMP93CS41DF Datasheet HTML 39Page - Toshiba Semiconductor TMP93CS41DF Datasheet HTML 40Page - Toshiba Semiconductor TMP93CS41DF Datasheet HTML 41Page - Toshiba Semiconductor TMP93CS41DF Datasheet HTML 42Page - Toshiba Semiconductor TMP93CS41DF Datasheet HTML 43Page - Toshiba Semiconductor TMP93CS41DF Datasheet HTML 44Page - Toshiba Semiconductor TMP93CS41DF Datasheet HTML 45Page - Toshiba Semiconductor TMP93CS41DF Datasheet HTML 46Page - Toshiba Semiconductor TMP93CS41DF Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-43
2002-02-20
4.5.3
Soldering Temperature Profile
The soldering temperature and heating time vary from device to device.
Therefore, when specifying the mounting conditions, refer to the individual
datasheets and databooks for the devices used.
(1)
Using a Soldering Iron
Complete soldering within ten seconds for lead temperatures of up to
260°C, or within three seconds for lead temperatures up to 350°C.
(2)
Standard Mounting Conditions for SMDs
(Surface Mount Devices)
For details, refer to section 2.1 Mounting Precautions in chapter 2
Handling Precautions for Microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48